Part Number Hot Search : 
AD1584A B78417A KC7783 CXP88624 W91510N DA210 N4123 PNZ263L
Product Description
Full Text Search
 

To Download RSD080N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4v drive nch mosfet RSD080N06 ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) 4v drive. 3) high power package(cpt3). ? application switching ? packaging specifications ? inner circuit package taping code tl basic ordering unit (pieces) 2500 RSD080N06 ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 60 v gate-source voltage v gss ? 20 v continuous i d ? 8a pulsed i dp ? 16 a continuous i s 8a pulsed i sp 16 a power dissipation p d 15 w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 t c =25 ? c ? thermal resistance symbol limits unit channel to case rth (ch-c) 8.33 ? c / w * t c =25 ? c parameter type source current (body diode) drain current parameter *2 *1 (1) gate (2) drain (3) source ? 1 esd protection diode ? 2 body diode *1 * cpt3 (sc-63) 6.5 2.3 (2) (3) 0.65 0.9 (1) 0.75 2.30.9 5.1 1.5 5.5 2.3 0.5 1.0 0.5 9.5 2.5 0.8min. 1.5 ?2 ?1 (1) (2) (3) 1/6 2011.08 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RSD080N06 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 20v, v ds =0v drain-source breakdown voltage v (br)dss 60 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --1 ? av ds =60v, v gs =0v gate threshold voltage v gs (th) 1.0 - 2.5 v v ds =10v, i d =1ma -5780 i d =8a, v gs =10v -7098 i d =8a, v gs =4.5v - 78 109 i d =8a, v gs =4.0v forward transfer admittance l y fs l 4.8 - - s v ds =10v, i d =8a input capacitance c iss - 380 - pf v ds =10v output capacitance c oss - 90 - pf v gs =0v reverse transfer capacitance c rss - 50 - pf f=1mhz turn-on delay time t d(on) -9-nsv dd 30v, i d =4a rise time t r - 13 - ns v gs =10v turn-off delay time t d(off) - 30 - ns r l =7.5 ? fall time t f - 10 - ns r g =10 ? total gate charge q g - 9.4 - nc v dd 30v, i d =8a gate-source charge q gs - 1.8 - nc v gs =10v gate-drain charge q gd - 2.3 - nc *pulsed ? body diode characteristics (source-drain) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =8a, v gs =0v *pulsed conditions conditions m ? parameter parameter static drain-source on-state resistance r ds (on) * * * * * * * * * * * * * * * * * 2/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSD080N06 ? electrical characteristic curves (ta=25 ? c) 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 drain current : i d [a] drain - source voltage : v ds [v] fig.1 typical output characteristics ( ) t a =25 c pulsed v gs =10.0v v gs =4.0v v gs =4.5v v gs =3.0v 0 2 4 6 8 0 2 4 6 8 10 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs =3.0v t a =25 c pulsed v gs =10.0v v gs =4.0v v gs =4.5v 1 10 100 1000 0.01 0.1 1 10 100 static drain - source on - state resistance r ds(on) [m ] drain current : i d [a] fig.3 static drain - source on - state resistance vs. drain current v gs =4.0v v gs =4.5v v gs =10v t a =25 c pulsed 1 10 100 1000 0.01 0.1 1 10 100 static drain - source on - state resistance r ds(on) [m ] drain current : i d [a] fig.4 static drain - source on - state resistance vs. drain current v gs =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 1 10 100 1000 0.01 0.1 1 10 100 static drain - source on - state resistance r ds(on) [m ] drain current : i d [a] fig.5 static drain - source on - state resistance vs. drain current v gs =4.5v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 1 10 100 1000 0.01 0.1 1 10 100 static drain - source on - state resistance r ds(on) [m ] drain current : i d [a] fig.6 static drain - source on - state resistance vs. drain current v gs =4v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 3/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSD080N06 0.01 0.1 1 10 100 0.01 0.1 1 10 100 forward transfer admittance y fs [s] drain current : i d [a] fig.7 forward transfer admittance vs. drain current v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0.001 0.01 0.1 1 10 100 0.0 1.0 2.0 3.0 4.0 5.0 drain currnt : i d [a] gate - source voltage : v gs [v] fig.8 typical transfer characteristics v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0.01 0.1 1 10 100 0.0 0.5 1.0 1.5 2.0 source current : i s [a] source - drain voltage : v sd [v] fig.9 source current vs. source - drain voltage v gs =0v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0 50 100 150 200 250 300 0 2 4 6 8 10 static drain - source on - state resistance r ds(on) [m ] gate - source voltage : v gs [v] fig.10 static drain - source on - state resistance vs. gate - source voltage t a =25 c pulsed i d =4.0a i d =8.0a 1 10 100 1000 10000 0.01 0.1 1 10 switching time : t [ns] drain current : i d [a] fig.11 switching characteristics t d(on) t r t d(off) t f v dd P 30v v gs =10v r g =10 t a =25 c pulsed 0 2 4 6 8 10 0 2 4 6 8 10 gate - source voltage : v gs [v] total gate charge : q g [nc] fig.12 dynamic input characteristics t a =25 c v dd =30v i d =8a pulsed 4/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSD080N06 1 10 100 1000 10000 0.01 0.1 1 10 100 capacitance : c [pf] drain - source voltage : v ds [v] fig.13 typical capacitance vs. drain - source voltage t a =25 c f=1mhz v gs =0v c iss c oss c rss 0.01 0.1 1 10 100 0.1 1 10 100 drain current : i d [ a ] drain - source voltage : v ds [ v ] fig.14 maximum safe operating area t a =25 c single pulse mounted on a ceramic board. (30mm 30mm 0.8mm) operation in this area is limited by r ds(on) (v gs = 10v) p w = 100 s p w = 1ms p w = 10ms 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized transient thermal resistance : r t pulse width : pw (s) fig.15 normalized transient thermal resistance v.s. pulse width t a =25 c single pulse mounted on a ceramic board. (30mm 30mm 0.8mm) rth (ch - a) =47.4 c /w rth (ch - a) (t)=r(t) rth (ch - a) 5/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSD080N06 ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd 6/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RSD080N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X